전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCC0607 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BCC0607
상세설명  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0607 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BCC0607 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0607 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M425-M413-3A-602-EX43T2-015
Order Code: BCC0607
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 250036
ETIM 6.0: EC001855
BCC0607_0.9_2022-12-22
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20327
Flame resistance acc. to IEC 332-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: brown
PIN 2: not used
PIN 3: blue
PIN 4: black
PIN 5: not used
II
PIN 1: brown
PIN 3: blue
PIN 4: black
Wiring Diagrams
1) Green LED = Power
2) Yellow LED = Function



Html Pages

1 2