전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCC0613 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BCC0613
상세설명  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0613 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BCC0613 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0613 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M425-M414-3A-304-PX44T2-015
Order Code: BCC0613
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 169950
ETIM 6.0: EC001855
BCC0613_0.82_2022-12-22
2 / 2
Remarks
Bulk cable approval per UL+CSA, UL-AWM Style 21198 or 20549
Halogen-free per DIN VDE 0472 Part 815
Flame resistance acc. to FT1
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: not used
Wiring Diagrams



Html Pages

1 2