| 전자부품 데이터시트 검색엔진 |
|
UPD8884A 데이터시트(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD8884A 데이터시트(HTML) 21 Page - Renesas Technology Corp |
|
21 / 30 page ![]() Data Sheet S17546EJ2V0DS 19 μ PD8884A 9. Response difference between inside and outside : RDIO Difference of average output voltage between inside 2400 dpi and outside 2400 dpi (refer to 3. Photo response non-uniformity). RDIO (%) = 2 ⎪ x − y ⎪ x + y × 100 10. Photocell array imbalance : PAI PAI is calculated by following formula (refer to 3. Photo response non-uniformity). PAIIN (%) = 2 n j = 1 j = 1 n 2 ( x2j –1 – x2j) 1 n n x j × 100 ∑ ∑ xj n : Output voltage of each pixel : Number of valid pixels (21360 bits) PAIOUT (%) = 2 m j = 1 j = 1 m 2 ( y2j –1 – y2j) 1 n m y j × 100 ∑ ∑ yj m : Output voltage of each pixel : Number of valid pixels (21360 bits) 11. Offset level : VOS DC level of output signal is defined as follows. 12. Reset feed-through noise : RFTN Reset feed-through noise (RFTN) are defined as follows. VOS VOUT RFTN |