전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24128-BWMB6/B 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 M24128-BWMB6/B
상세설명  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWMB6/B 데이터시트(HTML) 4 Page - STMicroelectronics

  M24128-BWMB6/B Datasheet HTML 1Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 2Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 3Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 4Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 5Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 6Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 7Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 8Page - STMicroelectronics M24128-BWMB6/B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
List of tables
M24128, M24C64, M24C32
4/34
List of tables
Table 1.
Product list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3.
Device select code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 4.
Address most significant byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
Address least significant byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 6.
Operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 7.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 8.
Operating conditions (M24128-BW, M24C64-W, M24C32-W) . . . . . . . . . . . . . . . . . . . . . . 21
Table 9.
Operating conditions (M24128-BR, M24C64-R, M24C32-R) . . . . . . . . . . . . . . . . . . . . . . . 21
Table 10.
Operating conditions (M24C64-F, M24C32-F) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 11.
AC test measurement conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 12.
Input parameters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 13.
DC characteristics (VCC = 2.5V to 5.5V, device grade 6) . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 14.
DC characteristics (VCC = 2.5V to 5.5V, device grade 3) . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 15.
DC characteristics (VCC = 1.8V to 5.5V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 16.
DC characteristics (VCC = 1.7V to 5.5V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 17.
AC characteristics (VCC = 2.5V to 5.5V, device grades 6 and 3) . . . . . . . . . . . . . . . . . . . . 25
Table 18.
AC characteristics (VCC = 1.8V to 5.5V or VCC = 1.7V to 5.5V) . . . . . . . . . . . . . . . . . . . . . 25
Table 19.
PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame, package mechanical data . . . . . . . . . . . . 27
Table 20.
SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width,
package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 21.
TSSOP8 – 8 lead Thin Shrink Small Outline, package mechanical data . . . . . . . . . . . . . . 29
Table 22.
UFDFPN8 (MLP8) – 8-lead Ultra thin Fine pitch Dual Flat Package No lead
2 × 3mm, package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 23.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 24.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34