| 전자부품 데이터시트 검색엔진 |
|
UPD16640C 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16640C 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 18 page ![]() Data Sheet S11269EJ1V1DS00 8 µµµµ PD16640C 5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT PIN Data format : 6 bits x RGB(3 dots) Input width : 18 bits (1) R,/L = H (right shift) Output S1 S2 S3 … S308 S309 Data D00 to D05 D10 to D15 D20 to D25 … D10 to D15 D20 to D25 (2) R,/L = L (left shift) Output S1 S2 S3 … S299 S300 Data D00 to D05 D10 to D15 D20 to D25 … D10 to D15 D20 to D25 6. OPERATION OF OUTPUT BUFFER The output buffer consists of an operational amplifier circuit that does not perform precharge operation. Therefore, driver output current IVOH1/2 is the charging current to the LCD, and IVOL1/2 is the discharging current. Figure 6-1. LCD Panel Driving Waveform (IVOL1/2/IVOH1/2 ) Write (IVOL1/2/IVOH1/2) VDD2 Sn VSS2 Write 1 horizontal period |