| 전자부품 데이터시트 검색엔진 |
|
UPD16682 데이터시트(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16682 데이터시트(HTML) 39 Page - Renesas Technology Corp |
|
39 / 58 page ![]() Data Sheet S13368EJ4V0DS 37 µµµµ PD16682 12.21 NOP This command is used to set NOP (Non-Operation) mode. A0 E, /RD R,/W, /WR D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 1 1100 011 12.22 Test This command is used for IC testing. Do not use this command. If you use it by mistake, either set the /RES input low or use the reset command or NOP command to cancel the test command setting. A0 E, /RD R,/W, /WR D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 1 111 X X X X Remark X: Don’t care |