전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

17P012 데이터시트(PDF) 61 Page - Renesas Technology Corp

부품명 17P012
상세설명  MOS INTEGRATED CIRCUIT
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

17P012 데이터시트(HTML) 61 Page - Renesas Technology Corp

Back Button 17P012 Datasheet HTML 57Page - Renesas Technology Corp 17P012 Datasheet HTML 58Page - Renesas Technology Corp 17P012 Datasheet HTML 59Page - Renesas Technology Corp 17P012 Datasheet HTML 60Page - Renesas Technology Corp 17P012 Datasheet HTML 61Page - Renesas Technology Corp 17P012 Datasheet HTML 62Page - Renesas Technology Corp 17P012 Datasheet HTML 63Page - Renesas Technology Corp 17P012 Datasheet HTML 64Page - Renesas Technology Corp 17P012 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 320 page
background image
µPD17012, 17P012
59
Data Sheet U10101EJ4V0DS
7.4 Notes on Using ALU
7.4.1 Notes on using operations for program status word
If an arithmetic operation is executed for the program status word, the result of the arithmetic operation is
stored in the program status word.
The CY and Z flags of the program status word are set or reset depending on the result of the arithmetic
operation. If an arithmetic operation is executed on the program status word itself, the result of the operation
is stored in the program status word, which makes it impossible to judge occurrence of a carry or a borrow, or
whether the result of the operation is zero.
If the CMP flag is set, however, the result of the operation is not stored in the program status word, and the
CY and Z flags are set or reset normally.
7.4.2 Notes on using decimal operations
A decimal operation can be executed only if the result falls within the following range:
(1) Result of addition:
0 to 19 in decimal
(2) Result of subtraction: 0 to 9 or –10 to –1 in decimal
If a decimal operation is executed exceeding this range, the CY flag is set, and the result is a value greater
than 1010B (0AH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More