전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS361 데이터시트(PDF) 4 Page - Microchip Technology

부품명 HCS361
상세설명  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 데이터시트(HTML) 4 Page - Microchip Technology

  HCS361 Datasheet HTML 1Page - Microchip Technology HCS361 Datasheet HTML 2Page - Microchip Technology HCS361 Datasheet HTML 3Page - Microchip Technology HCS361 Datasheet HTML 4Page - Microchip Technology HCS361 Datasheet HTML 5Page - Microchip Technology HCS361 Datasheet HTML 6Page - Microchip Technology HCS361 Datasheet HTML 7Page - Microchip Technology HCS361 Datasheet HTML 8Page - Microchip Technology HCS361 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HCSXXX
DS41256A-page 4
Preliminary
 2004 Microchip Technology Inc.
TABLE 1-1:
PIN DESCRIPTIONS (DURING PROGRAMMING)
Device
Pin Number
Comments
Power Supply
Ground
Clock
Data
Other
HCS200
8
5
3
6
—
HCS201
8
5
3
6
—
(Notes 1)
HCS300
8
5
3, 4
6
—
(Notes 2)
HCS301
8
5
3, 4
6
—
(Notes 2)
HCS320
8
5
3
6
—
(Notes 2)
HCS360
8
5
3, 4
6
2
(Notes 2)
HCS361
8
5
3, 4
6
2
(Notes 2)
HCS362
8
5
3, 4
6
—
(Notes 2)
HCS410
8
5
3
6
—
HCS412
8
5
3
6
—
(Note 1)
HCS500
1
8
6
5
—
(Notes 2, 3, 4, 7, 8)
HCS512
14
5
12
13
4
(Notes 5, 6, 8, 9)
HCS515
3
12
10
9
—
(Notes 7, 8)
Note 1:
Sends calibration pulse during ACK periods.
2:
VDD pin must be driven low after a Program/Verify cycle.
3:
In-circuit programming recommended.
4:
Used in conjunction with a Microchip Technology 24LC02B device.
5:
MCLR, pin 4, is used to enter Program mode.
6:
Must apply external clock source to OSCIN while programming.
7:
Requires command byte preceding data packet.
8:
Verify function not available.
9:
Uses checksum in data packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28