전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6730CQTR 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 L6730CQTR
상세설명  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQTR 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button L6730CQTR Datasheet HTML 42Page - STMicroelectronics L6730CQTR Datasheet HTML 43Page - STMicroelectronics L6730CQTR Datasheet HTML 44Page - STMicroelectronics L6730CQTR Datasheet HTML 45Page - STMicroelectronics L6730CQTR Datasheet HTML 46Page - STMicroelectronics L6730CQTR Datasheet HTML 47Page - STMicroelectronics L6730CQTR Datasheet HTML 48Page - STMicroelectronics L6730CQTR Datasheet HTML 49Page - STMicroelectronics L6730CQTR Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Package mechanical data
L6730C - L6730D
46/50
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50