전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VIPER22ADIP-E 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 VIPER22ADIP-E
상세설명  Low Power OFF-Line SMPS Primary Switcher
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER22ADIP-E 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button VIPER22ADIP-E Datasheet HTML 11Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 12Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 13Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 14Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 15Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 16Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 17Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 18Page - STMicroelectronics VIPER22ADIP-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
VIPer22ADIP/ VIPer22AS - E
Mechanical Data
Rev1
15/20
6
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20