전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2954-AD-S08-R 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 LM2954-AD-S08-R
상세설명  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-AD-S08-R 데이터시트(HTML) 4 Page - Unisonic Technologies

  LM2954-AD-S08-R Datasheet HTML 1Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 2Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 3Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 4Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 5Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 6Page - Unisonic Technologies LM2954-AD-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-002.E
BLOCK DIAGRAM
60mV
330K
Ω
TO CMOS
OR TTL
5V 150mA
MAX.
FEEDBACK
INPUT
OUTPUT
SENSE
5V TAP
GND
ERROR
DETECTION
COMPARATOR
ERROR
AMPLIFIER
FROM CMOS
OR TTL
1.23
REF
SHUT
DOWN
UNREGULATED
DC
ERROR
182k
Ω
60k
Ω
1.5
µF



Html Pages

1 2 3 4 5 6 7