전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M34C02-WMB6P 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M34C02-WMB6P
상세설명  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WMB6P 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M34C02-WMB6P Datasheet HTML 6Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 7Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 8Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 9Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 10Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 11Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 12Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 13Page - STMicroelectronics M34C02-WMB6P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Signal description
M34C02-W, M34C02-L, M34C02-R
10/31
Figure 5.
I2C bus protocol
Table 2.
Device Select Code
Device Type Identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable Address(2)
2.
E0, E1 and E2 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Memory Area Select Code
(two arrays)
10
10
E2
E1
E0
RW
Protection Register Select
Code
01
10
E2
E1
E0
RW
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31