| 전자부품 데이터시트 검색엔진 |
|
KTY83/151 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY83/151 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 11 page ![]() 2003 Sep 15 5 Philips Semiconductors Product specification Silicon temperature sensors KTY83 series Table 2 Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY83/121 and KTY83/122 Icont = 1 mA. AMBIENT TEMPERATURE TEMP. COEFF. KTY83/121 KTY83/122 ( °C) ( °F) (%/K) RESISTANCE ( Ω) TEMP. ERROR (K) RESISTANCE ( Ω) TEMP. ERROR (K) MIN. TYP. MAX. MIN. TYP. MAX. −55 −67 0.97 480 495 510 ±3.08 490 505 520 ±3.08 −50 −58 0.96 505 519 534 ±2.99 515 530 545 ±2.99 −40 −40 0.93 556 571 586 ±2.81 567 583 598 ±2.81 −30 −22 0.91 611 626 641 ±2.62 624 639 654 ±2.62 −20 −4 0.88 670 685 699 ±2.42 684 698 713 ±2.42 −10 14 0.85 732 746 760 ±2.2 747 762 776 ±2.2 0 32 0.83 799 812 825 ±1.97 815 828 842 ±1.97 10 50 0.80 868 880 893 ±1.72 886 898 911 ±1.72 20 68 0.78 942 953 963 ±1.45 961 972 983 ±1.45 25 77 0.76 980 990 1000 ±1.31 1000 1010 1020 ±1.31 30 86 0.75 1017 1028 1039 ±1.44 1038 1049 1060 ±1.44 40 104 0.73 1094 1107 1121 ±1.7 1116 1130 1144 ±1.7 50 122 0.71 1173 1190 1206 ±1.98 1197 1214 1231 ±1.98 60 140 0.69 1256 1276 1295 ±2.27 1281 1301 1322 ±2.27 70 158 0.67 1341 1365 1388 ±2.58 1368 1392 1416 ±2.58 80 176 0.65 1430 1458 1485 ±2.9 1459 1487 1515 ±2.9 90 194 0.63 1522 1554 1585 ±3.24 1553 1585 1617 ±3.24 100 212 0.61 1617 1653 1690 ±3.59 1650 1687 1724 ±3.59 110 230 0.60 1715 1756 1798 ±3.95 1750 1792 1834 ±3.95 120 248 0.58 1816 1863 1910 ±4.34 1853 1900 1948 ±4.34 125 257 0.57 1867 1917 1967 ±4.53 1905 1956 2007 ±4.53 130 266 0.57 1920 1973 2025 ±4.73 1959 2012 2066 ±4.73 140 284 0.55 2027 2086 2145 ±5.14 2068 2128 2188 ±5.14 150 302 0.54 2137 2203 2269 ±5.57 2180 2247 2 314 ±5.57 160 320 0.52 2249 2323 2396 ±6.02 2295 2370 2444 ±6.02 170 338 0.51 2365 2446 2527 ±6.47 2413 2496 2578 ±6.47 175 347 0.51 2424 2509 2595 ±6.71 2473 2560 2647 ±6.71 |