| 전자부품 데이터시트 검색엔진 |
|
M34C02-LMB6G 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34C02-LMB6G 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 31 page ![]() M34C02-W, M34C02-L, M34C02-R Device operation 17/31 3.8 Read Operations Read operations are performed independently of whether hardware or software protection has been set. The device has an internal address counter which is incremented each time a byte is read. 3.8.1 Random Address Read A dummy Write is first performed to load the address into this address counter (as shown in Figure 10) but without sending a Stop condition. Then, the bus master sends another Start condition, and repeats the Device Select Code, with the RW bit set to 1. The device acknowledges this, and outputs the contents of the addressed byte. The bus master must not acknowledge the byte, and terminates the transfer with a Stop condition. 3.8.2 Current Address Read For the Current Address Read operation, following a Start condition, the bus master only sends a Device Select Code with the RW bit set to 1. The device acknowledges this, and outputs the byte addressed by the internal address counter. The counter is then incremented. The bus master terminates the transfer with a Stop condition, as shown in Figure 10, without acknowledging the byte. 3.8.3 Sequential Read This operation can be used after a Current Address Read or a Random Address Read. The bus master does acknowledge the data byte output, and sends additional clock pulses so that the device continues to output the next byte in sequence. To terminate the stream of bytes, the bus master must not acknowledge the last byte, and must generate a Stop condition, as shown in Figure 10. The output data comes from consecutive addresses, with the internal address counter automatically incremented after each byte output. After the last memory address, the address counter ‘rolls-over’, and the device continues to output data from memory address 00h. 3.8.4 Acknowledge in Read Mode For all Read commands, the device waits, after each byte read, for an acknowledgment during the 9th bit time. If the bus master does not drive Serial Data (SDA) Low during this time, the device terminates the data transfer and switches to its Stand-by mode. |