전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T83RMY6F 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M41T83RMY6F
상세설명  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 4Page - STMicroelectronics M41T83RMY6F Datasheet HTML 5Page - STMicroelectronics M41T83RMY6F Datasheet HTML 6Page - STMicroelectronics M41T83RMY6F Datasheet HTML 7Page - STMicroelectronics M41T83RMY6F Datasheet HTML 8Page - STMicroelectronics M41T83RMY6F Datasheet HTML 9Page - STMicroelectronics M41T83RMY6F Datasheet HTML 10Page - STMicroelectronics M41T83RMY6F Datasheet HTML 11Page - STMicroelectronics M41T83RMY6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Description
M41T82 M41T83
8/58
1.
For SO8 and QFN16 packages only.
2.
Defaults to 32KHz on power-up.
3.
For SOX18 and QFN16 packages only.
4.
DU pin must be tied to VCC.
Table 1.
Signal names
Symbol
Description
XI(1)
32KHz oscillator input
XO(1)
32KHz oscillator output
IRQ1/OUT/FT
Interrupt 1/Output driver/Frequency Test output (open drain)
SQW(2)
32KHz programmable Square Wave output
RST
Power-on Reset output (open drain)
FT/RST
Frequency Test output/Power-on Reset (open drain - M41T82 only)
IRQ2(3)
Interrupt for alarm 2 (open drain)
SDA
Serial Data Address input/output
SCL
Serial Clock Input
VBAT
Battery supply voltage (Tie VBAT to VSS if no battery is connected.)
DU(4)
Do not use
VCC
Supply voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58