| 전자부품 데이터시트 검색엔진 |
|
M41T93ZMY6F 데이터시트(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T93ZMY6F 데이터시트(HTML) 8 Page - STMicroelectronics |
|
8 / 49 page ![]() Summary description M41T93 8/49 Figure 2. QFN16 (QA) connections 1. Open drain output 2. Defaults to 32kHz on power-up. Figure 3. SOX18 (MY) connections 1. NF pins must be tied to VSS. Pins 2 and 3, and 16 and 17 are internally shorted together. 2. Open drain output 3. Do not use (must be allowed to float) 4. Defaults to 32kHz on power-up. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 RST (1) NC SQW (2) NC SDO SCL SDI IRQ/FT/OUT (1) AI11819 M41T93 8 2 3 4 5 6 7 9 12 11 10 18 17 16 15 14 13 1 NF (1) DU (3) SQW (4) NC RST (2) E SCL SDI VSS VBAT NF (1) NC VCC M41T93 IRQ/FT/OUT (2) NF (1) NF (1) NC SDO AI11820 |