전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B120NF10 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 B120NF10
상세설명  N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B120NF10 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button B120NF10 Datasheet HTML 7Page - STMicroelectronics B120NF10 Datasheet HTML 8Page - STMicroelectronics B120NF10 Datasheet HTML 9Page - STMicroelectronics B120NF10 Datasheet HTML 10Page - STMicroelectronics B120NF10 Datasheet HTML 11Page - STMicroelectronics B120NF10 Datasheet HTML 12Page - STMicroelectronics B120NF10 Datasheet HTML 13Page - STMicroelectronics B120NF10 Datasheet HTML 14Page - STMicroelectronics B120NF10 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STW120NF10 - STP120NF10 - STB120NF10
14/15
6
Revision history
Table 7.
Revision history
Date
Revision
Changes
20-Mar-2006
2
Preliminary datasheet
31-Mar-2006
3
Typing error
19-Jun-2006
4
New template, no content change
28-Jun-2006
5
New ID value on Table 1
05-Oct-2006
6
New value on Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com