전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST485BN 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 ST485BN
상세설명  Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485BN 데이터시트(HTML) 3 Page - STMicroelectronics

  ST485BN Datasheet HTML 1Page - STMicroelectronics ST485BN Datasheet HTML 2Page - STMicroelectronics ST485BN Datasheet HTML 3Page - STMicroelectronics ST485BN Datasheet HTML 4Page - STMicroelectronics ST485BN Datasheet HTML 5Page - STMicroelectronics ST485BN Datasheet HTML 6Page - STMicroelectronics ST485BN Datasheet HTML 7Page - STMicroelectronics ST485BN Datasheet HTML 8Page - STMicroelectronics ST485BN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST485
Pin configuration
3/19
1
Pin configuration
Figure 1.
Pin configuration
1.1
Pin description
Table 1.
Pin description
Pin n°
Symbol
Name and function
1
RO
Receiver Output
2
RE
Receiver Output Enable
3
DE
Driver Output Enable
4
DI
Driver Input
5
GND
Ground
6A
Non-inverting Receiver Input and Non-inverting
Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19