| 전자부품 데이터시트 검색엔진 |
|
UPD77533 데이터시트(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 데이터시트(HTML) 47 Page - Renesas Technology Corp |
|
47 / 104 page ![]() Data Sheet S15671EJ4V0DS 45 µµµµPD77533 13.2.3 ACK, NACK in case of server command When the command is a server command, ACK and NACK are used to confirm transmission and reception of each packet. If NACK is sent from the host CPU to the µPD77533, the same packet is re-sent. The µPD77533 can send the next packet after receiving ACK from the host CPU. When a response is output from the µPD77533 to the host CPU, the host CPU must send either ACK or NACK. The µPD77533 stops outputting packets until this ACK or NACK is received. Figure 13-3. Server Command Flow 14. HARDWARE FLOW CONTROL In communication between the µPD77533 and the host CPU, hardware flow control is carried out using CTS-RTS to prevent the loss of data due to a buffer overflow. 14.1 When Hardware Flow Control Is Not Performed When hardware flow control is not performed, data may be lost due to a buffer overflow. To prevent this, the host CPU must execute the following processing. PD77533 µ Host CPU $CA command (CMD-ID = 0x80) Example of normal flow Timeout or error occurrence NACK Example of abnormal flow ACK (format 1) !ca response (CMD-ID = 0x80) ACK (format 1) $CA command transmitted ACK for $CA !ca response transmitted ACK for !ca $CA command (CMD-ID = 0x80) $CA command transmitted $CA command (CMD-ID = 0x80) ACK (format 1) !ca response (CMD-ID = 0x80) Timeout or error occurrence NACK for $CA $CA command resent ACK for $CA !ca response transmitted NACK !ca response (CMD-ID = 0x80) ACK (format 1) NACK for !ca !ca response resent ACK for !ca |