| 전자부품 데이터시트 검색엔진 |
|
M95040-RMN3T/W 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMN3T/W 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 42 page ![]() M95040, M95020, M95010 Revision history 41/42 05-Oct-2004 6.0 Product List summary table added. Process identification letter “G” information added. Order information for Tape and Reel changed to T. AEC-Q100-002 compliance. Device Grade information clarified. tHHQX corrected to tHHQV. Signal Description updated. 10MHz, 5ms Write is now the present product. tCH+tCL<1/fC constraint clarified 06-Nov-2006 7 Document converted to new template, Table 5: Status Register format moved to below Section 6.3: Read Status Register (RDSR). PDIP package removed. UFDFPN8 (MB) package added (see Figure 20 and Table 25) and SO8N package specifications updated (see Figure 18 and Table 23). Packages are ECOPACK® compliant. Section 6.7: Cycling added. Section 2.8: Supply voltage (VCC) added and information removed below Section 4: Operating features. Figure 3: Bus master and memory devices on the SPI bus modified. TLEAD parameter modified, Note 1 changed, and TA added to Table 7: Absolute maximum ratings. Characteristics of previous product identified by process letter K removed. CL modified in Table 11: AC test measurement conditions. Note removed below Table 13 and Table 14. Information in Table 17 is no longer Preliminary data, ICC, ICC1 and VIL modified. End timing line of tSHQZ moved in Figure 17. tCHHL and tCHHH changed to tCLHL and tCLHH, respectively in Figure 16, Table 18, Table 19, Table 20, Table 21 and Table 22. Plating Technology and Process updated in Table 26: Ordering information scheme. Table 27. Document revision history (continued) Date Version Changes |