| 전자부품 데이터시트 검색엔진 |
|
ST75185CDR 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75185CDR 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 21 page ![]() ST75185 Pin configuration 3/21 1 Pin configuration Figure 1. Pin connection IEC logic symbol and logic diagram Table 1. Pin description Pin N° Symbol Name and function 1VDD Supply voltage (+12V) 2 RA1 First receiver input 3 RA2 Second receiver input 4 RA3 Third Receiver Input 5 DY1 First driver output 6 DY2 Second driver output 7 RA4 Fourth receiver input 8 DY3 Third driver output 9 RA5 Fifth receiver input 10 VSS Supply voltage (-12V) 11 GND Ground 12 RY5 Fifth receiver output 13 DA3 Third driver input 14 RY4 Fourth receiver output 15 DA2 Second driver input 16 DA1 First driver input 17 RY3 Third receiver output 18 RY2 Second receiver output 19 RY1 First Receiver Output 20 VCC Supply Voltage (+5V) |