| 전자부품 데이터시트 검색엔진 |
|
M28W640FCT70ZB6F 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640FCT70ZB6F 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 77 page ![]() M28W640FCT, M28W640FCB Part numbering 49/77 1. Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available options (Speed, Package, etc.) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you. Table 23. Daisy Chain ordering scheme Example: M28W640FC -ZB T Device type M28W640FC Daisy chain -ZB = TFBGA48: 6.39 x 10.5mm, 0.75 mm pitch Option E = ECOPACK® Package, Standard Packing F = ECOPACK® Package, Tape & Reel Packing, 24mm |