| 전자부품 데이터시트 검색엔진 |
|
MAS9012A1 데이터시트(PDF) 9 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9012A1 데이터시트(HTML) 9 Page - Micro Analog systems |
|
9 / 12 page ![]() DA9012.001 25 August 2004 9 (12) PACKAGE (TSSOP16) OUTLINES Dimension Min Max Unit A 6.40 BSC mm B 4.30 4.50 mm C 5.00 BSC mm D 0.05 0.15 mm E 1.10 mm F 0.19 0.30 mm G 0.65 BSC mm H 0.18 0.28 mm I 0.09 0.20 mm I1 0.09 0.16 mm J 0.19 0.30 mm J1 0.19 0.25 mm K 0 ° 8 ° L 0.24 0.26 mm M (The length of a terminal for soldering to a substrate) 0.50 0.75 mm N 1.00 REF mm O 12 ° P 12 ° Dimensions do not include mold flash, protrusions, or gate burrs. All dimensions are in accordance with JEDEC standard MO-153. B A C Pin 1 D Seating Plane E H G F B B Detail A L K M N P O Detail A II1 J J1 Section B-B |