| 전자부품 데이터시트 검색엔진 |
|
UTC-100P-R10E 데이터시트(PDF) 4 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
UTC-100P-R10E 데이터시트(HTML) 4 Page - Advantech Co., Ltd. |
|
4 / 4 page ![]() www.advantech.com/products Online Download Features DeviceOn/iService Unified Remote Device Management Software Supports Advantech devices equipped with Windows, Android, and Linux OS Flexible device, location, user, and permissions management Enables remote monitoring and control of hardware, software, and peripherals Supports over-the-air (OTA) firmware and software updates Ensures quick, easy, and secure device onboarding RESTful APIs for third-party system integration System Architecture Introduction Advantech’s DeviceOn/iService is a next-generation unified device management solution based on the WISE-DeviceOn platform. Designed to enable centralized monitoring and remote management, DeviceOn/iService supports Advantech devices equipped with Windows, Linux, or Android operating systems. The software also supports the management of applications and integrated peripherals, such as a barcode scanner, card reader, camera, and printer. Users can remotely access and control connected devices, take screenshots, rollout OTA upgrades, and use remote desktop capabilities for troubleshooting from any location at any time. Moreover, DeviceOn/iService supports batch operations to facilitate the management of multiple devices simultaneously for easy and convenient device configuration and deployment. Total Management Remote Access Operational Efficiency Devices & Hardware Windows, Linux, Android Hardware, storage, battery Real-Time Monitoring Connection/hardware status Software/peripheral status Failure notifications OTA updates System/software updates File repository management App store Software & Peripherals Software monitoring & access Screens, USB devices, printers Remote Controls Power controls Audio, backlight controls Software controls Batch Controls 1-to-many batch reboot, etc. Time-saving tasks Open for Expansion Peripheral integration Open APIs for integration Troubleshooting Screenshots Remote desktop support Setup Booster Software/peripheral watchlist Roles, rule templates API Client Devices DeviceOn Server Browser LAN Hardware Software Peripherals Free Installation Via the Advantech website Download Installer Via the Advantech website Free Installation Via browser Required Hardware Windows10 Intel® Core™ i5 storage 8GB RAM 125GB Internet Monitor status Controls On-site installation Cloud Note: Some functions may vary according to the product |