전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95040-RMN3P/S 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 M95040-RMN3P/S
상세설명  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3P/S 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button M95040-RMN3P/S Datasheet HTML 34Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 35Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 36Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 37Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 38Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 39Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 40Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 41Page - STMicroelectronics M95040-RMN3P/S Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical
M95040, M95020, M95010
38/42
Figure 20.
UFDFPN8 (MLP8) - 8-lead Ultra thin Fine pitch Dual Flat Package No lead
2 × 3mm, package outline
1.
Drawing is not to scale.
Table 25.
UFDFPN8 (MLP8) - 8-lead Ultra thin Fine pitch Dual Flat Package No lead
2 × 3mm, package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D2.00
0.079
D2
1.55
1.65
0.061
0.065
ddd
0.05
0.002
E3.00
0.118
E2
0.15
0.25
0.006
0.010
e0.50
–
–
0.020
–
–
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
N (number of pins)
8
8
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com