| 전자부품 데이터시트 검색엔진 |
|
B772 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
B772 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Rev 2 September 2005 1/8 8 2SB772 PNP MEDIUM POWER TRANSISTOR Features ■ HIGH CURRENT ■ LOW SATURATION VOLTAGE ■ COMPLEMENT TO 2SD882 Applications ■ VOLTAGE REGULATION ■ RELAY DRIVER ■ GENERIC SWITCH ■ AUDIO POWER AMPLIFIER ■ DC-DC CONVERTER Description The device is a PNP transistor manufactured by using planar Technology resulting in rugged high performance devices. The complementary PNP type is 2SD882. Order Codes Internal Schematic Diagram SOT-32 (TO-216) 3 2 1 Part Number Marking Package Packing 2SB772 B772 SOT-32 TUBE www.st.com |
유사한 부품 번호 - B772 |
|
유사한 설명 - B772 |