전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D1665 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 D1665
상세설명  Low voltage fast-switching NPN power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1665 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button D1665 Datasheet HTML 4Page - STMicroelectronics D1665 Datasheet HTML 5Page - STMicroelectronics D1665 Datasheet HTML 6Page - STMicroelectronics D1665 Datasheet HTML 7Page - STMicroelectronics D1665 Datasheet HTML 8Page - STMicroelectronics D1665 Datasheet HTML 9Page - STMicroelectronics D1665 Datasheet HTML 10Page - STMicroelectronics D1665 Datasheet HTML 11Page - STMicroelectronics D1665 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package mechanical data
2STD1665
8/12
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12