전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STR1230 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 2STR1230
상세설명  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1230 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button 2STR1230 Datasheet HTML 2Page - STMicroelectronics 2STR1230 Datasheet HTML 3Page - STMicroelectronics 2STR1230 Datasheet HTML 4Page - STMicroelectronics 2STR1230 Datasheet HTML 5Page - STMicroelectronics 2STR1230 Datasheet HTML 6Page - STMicroelectronics 2STR1230 Datasheet HTML 7Page - STMicroelectronics 2STR1230 Datasheet HTML 8Page - STMicroelectronics 2STR1230 Datasheet HTML 9Page - STMicroelectronics 2STR1230 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
2STR1230
8/10
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.85
1.1
33.4
43.3
B
0.65
0.95
25.6
37.4
C
1.20
1.4
47.2
55.1
D
2.80
3
110.2
118
E
0.95
1.05
37.4
41.3
F
1.9
2.05
74.8
80.7
G2.1
2.5
82.6
98.4
H
0.38
0.48
14.9
18.8
L0.3
0.6
11.8
23.6
M
0
0.1
0
3.9
N
0.3
0.65
11.8
25.6
O
0.09
0.17
3.5
6.7
0044616/B
SOT-23 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10