| 전자부품 데이터시트 검색엔진 |
|
TAS5028 데이터시트(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5028 데이터시트(HTML) 67 Page - Texas Instruments |
|
67 / 84 page ![]() Serial Control Interface Register Definitions 59 SLES112 — June 2004 TAS5028 6.14 Bank Switching Command (0x40) Bits D31 - D24, D22 - D19 are Don’t Care. Table 6 - 15. Bank Switching Command D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION Unused bits D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION - 0 0 0 Manual selection Bank 1 - 0 0 1 Manual selection Bank 2 - 0 1 0 Manual selection Bank 3 - 0 1 1 Automatic bank selection - 1 0 0 Update the values in Bank 1 - 1 0 1 Update the values in Bank 2 - 1 1 0 Update the values in Bank 3 0 1 1 1 Update only the bank map 0 x x x Update the bank map using values in D15 - D0 1 x x x Do not update the bank map using values in D15 - D0 D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 1 - - - - - - - 32-kHz data rate – Use Bank 1 - 1 - - - - - - 38-kHz data rate – Use Bank 1 - - 1 - - - - - 44.1-kHz data rate – Use Bank 1 - - - 1 - - - - 48-kHz data rate – Use Bank 1 - - - - 1 - - - 88.2-kHz data rate – Use Bank 1 - - - - - 1 - - 96-kHz data rate – Use Bank 1 - - - - - - 1 - 176.4-kHz data rate – Use Bank 1 - - - - - - - 1 192-kHz data rate – Use Bank 1 1 1 1 1 1 1 1 1 Default D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 1 - - - - - - - 32-kHz data rate – Use Bank 2 - 1 - - - - - - 38-kHz data rate – Use Bank 2 - - 1 - - - - - 44.1-kHz data rate – Use Bank 2 - - - 1 - - - - 48-kHz data rate – Use Bank 2 - - - - 1 - - - 88.2-kHz data rate – Use Bank 2 - - - - - 1 - - 96-kHz data rate – Use Bank 2 - - - - - - 1 - 176.4-kHz data rate – Use Bank 2 - - - - - - - 1 192-kHz data rate – Use Bank 2 1 1 1 1 1 1 1 1 Default |