전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAS9560A1 데이터시트(PDF) 17 Page - Micro Analog systems

부품명 MAS9560A1
상세설명  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAS [Micro Analog systems]
홈페이지  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 데이터시트(HTML) 17 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems MAS9560A1 Datasheet HTML 15Page - Micro Analog systems MAS9560A1 Datasheet HTML 16Page - Micro Analog systems MAS9560A1 Datasheet HTML 17Page - Micro Analog systems MAS9560A1 Datasheet HTML 18Page - Micro Analog systems MAS9560A1 Datasheet HTML 19Page - Micro Analog systems MAS9560A1 Datasheet HTML 20Page - Micro Analog systems MAS9560A1 Datasheet HTML 21Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17 (25)
DA9560.001
20 January, 2005
1st byte
2nd byte
3rd byte
4th byte
device id
r/w
Register address
code
code
1001 101
1/0
0000 a3 a2 a1 a0
xxxx xxxx
xxxx xxxx
Called as DW when Write
Called as DR when Read
Table 1. I
2C Data Format
◆ SPI Description
Serial Peripheral Interface (SPI) bus is a 4-wire
serial communication interface between a master
and a slave device. SPI bus is selected by setting
MODE pin to low. SCLK pin is clock, XCS pin chip
select, SDI data pin and SDO data out pin. Data
writing is started with pulling device specific XCS
pin low, and first bit (MSB) is written at next SCLK
rising edge.
The first byte defines register address and whether
data will be read or write, see table 2 below. Bit 5:
Read = 1 and Write = 0. Note that incremental
mode stops at address 0x0F to prevent address
overflow and device reset.
The following byte written to SDI is either register
input data (write mode) or it is ignored (read mode).
In the read mode the selected register’s data can
be read from SDO pin at SCLK falling edge. Data
transfer stops with rising XCS pin.
In case XCS pin is held low after two first bytes, the
increment mode is enabled and the following
written/read bytes can be transferred to/from the
next registers. SDO output is at the high impedance
state when MAS9560 is not in read mode.
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Function
x
x
R/W
x
A3
A2
A1
A0
Table 2. SPI first byte
◆ I
2S Description
Inter-IC Sound (I
2S) bus is a 3-wire serial interface
for transmission of 2-channel (stereo) Pulse Code
Modulation digital data for DACs. Data is sent in 2’s
complement format MSB first. The receiver ignores
extra bits from the transmitter, if more than 16 bits
are transmitted. In case byte length is less than 16
bits, data is still 2’s complement and unspecified
bits are set to zero.
Word Select pin (WSI-pin) can be configured in
MAS9560. The default setting is: WSI = ‘0’ when
data for Channel 1 (left channel) is read, and WSI =
‘1’ when Channel 2 (right channel) is read. This can
be changed with POL byte (see register description
for I
2S Interface Control Register – p. 17).
Left justified format varies also depending on the
delay before the first data byte. Default delay is one
clock pulse, but this delay can be configured with
DEL bit.
MAS9560 supports only Left-Justified Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com