전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM1582K 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 CM1582K
상세설명  3A LOW DROPOUT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582K 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  CM1582K Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Package Type
TO-220
TO-263
Operating Temperature
Range (TA)
Output Voltage
CM1582DCN220
CM1582DCN263
0℃ ~ +70℃
1.8V
CM1582KCN220
CM1582KCN263
0℃ ~ +70℃
2.5V
CM1582SCN220
CM1582SCN263
0℃ ~ +70℃
3.3V
CM1582ZJCN220
CM1582ZJCN263
0℃ ~ +70℃
5.0V
CM1582CN220
CM1582CN263
0℃ ~ +70℃
ADJ.
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VPOWER) …….………………………………………….……. +13V
Input Voltage (VCONTROL ) …….……………………………………….……. +13V
Operating Junction Temperature Range, TJ ……………...… 0℃ to +150℃
Storage Temperature ………………………………….….…... -65℃ to +150℃
Lead Temperature (10 sec.) ……..……………………..….…………….... 300℃
POWER DISSIPATION TABLE
Package
ΘJA (℃/W)
Derating factor (mW/℃)
TA >= 25℃
TA <= 25℃
Power rating (mW)
TA = 70℃
Power rating (mW)
TA = 85℃
Power rating (mW)
TO-220
45
22.2
2775
1776
1443
TO-263
45
22.2
2775
1776
1443
Note:
1. ΘJA : Thermal Resistance-Junction to Ambient, DF: Derating factor, PO: Power consumption.
Junction Temperature Calculation: TJ = TA + (PD x ΘJA ), PO = DF x (TJ – TA)
The ΘJA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
2. ΘJT : Thermal Resistance-Junction to Ambient, TC: case (Tab) temperature, TJ = TC + (PD x ΘJC )
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max
Units
VPOWER
2
7
V
Input Voltage (VIN)
VCONTROL
2.75
12
V
Load Current (with adequate heatsinking)
IO
10
mA
Input Capacitor (VIN to GND)
10
µF
Output Capacitor with ESR of 10Ω max. (VOUT to GND)
33
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11