전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT5133AWSC 데이터시트(PDF) 29 Page - Richtek Technology Corporation

부품명 RT5133AWSC
상세설명  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC 데이터시트(HTML) 29 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133A-00
March
2022
www.richtek.com
29
Address
Reg Name
Bit
Bit Name
Default
Type
Description
0x18
LDO_PG_MASK
7
LDO8_PGB_MASK
1
RW
LDO8 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
6
LDO7_PGB_MASK
1
RW
LDO7 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
5
LDO6_PGB_MASK
1
RW
LDO6 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
4
LDO5_PGB_MASK
1
RW
LDO5 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
3
LDO4_PGB_MASK
1
RW
LDO4 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
2
LDO3_PGB_MASK
1
RW
LDO3 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
1
LDO2_PGB_MASK
1
RW
LDO2 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
0
LDO1_PGB_MASK
1
RW
LDO1 PG Fault Mask
0 : Interrupt is not masked
1 : Interrupt is masked
(default)
0x19
LDO_SHDN
7
LDO_OC_SHDN_ALL
0
RW
Anyone of LDO OC state,
shut down all LDO
channels
0 : LDO OC only shut
down itself (default)
1 : LDO OC shut down all
channels
6
LDO_PGB_SHDN_ALL
0
RW
Anyone of LDO PGB
state, shut down all LDO
channels
0 : LDO PGB only shut
down itself (default)
1 : LDO PGB shut down
all channels
5:0
Reserved
000000
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41