전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR735 데이터시트(PDF) 3 Page - SMC Diode Solutions Co. LTD

부품명 MBR735
상세설명  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMCDIODE [SMC Diode Solutions Co. LTD]
홈페이지  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR735 데이터시트(HTML) 3 Page - SMC Diode Solutions Co. LTD

  MBR735 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR735 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR735 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR735 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR735 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR735 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Data Sheet N0720, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR735/MBRB735
MBR745/MBRB745
Ratings and Characteristics Curves
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - VF (V)
10-1
100
101
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
200
300
400
500
600
700
800
Typical Junction Capacitance



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com