전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

65N55F3 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 65N55F3
상세설명  N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

65N55F3 데이터시트(HTML) 5 Page - STMicroelectronics

  65N55F3 Datasheet HTML 1Page - STMicroelectronics 65N55F3 Datasheet HTML 2Page - STMicroelectronics 65N55F3 Datasheet HTML 3Page - STMicroelectronics 65N55F3 Datasheet HTML 4Page - STMicroelectronics 65N55F3 Datasheet HTML 5Page - STMicroelectronics 65N55F3 Datasheet HTML 6Page - STMicroelectronics 65N55F3 Datasheet HTML 7Page - STMicroelectronics 65N55F3 Datasheet HTML 8Page - STMicroelectronics 65N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STD65N55F3
Electrical characteristics
5/13
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD=27V, ID= 32A,
RG=4.7Ω, VGS=10V
(see Figure 14)
20
50
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=27V, ID= 32A,
RG=4.7Ω, VGS=10V
(see Figure 14)
35
11.5
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
65
260
A
A
VSD
Forward on voltage
ISD=65A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=65A, di/dt =100A/µs,
VDD=25V, Tj=150°C
(see Figure 16)
47
87
3.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13