전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUL705 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 BUL705
상세설명  High voltage fast-switching NPN Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL705 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button BUL705 Datasheet HTML 3Page - STMicroelectronics BUL705 Datasheet HTML 4Page - STMicroelectronics BUL705 Datasheet HTML 5Page - STMicroelectronics BUL705 Datasheet HTML 6Page - STMicroelectronics BUL705 Datasheet HTML 7Page - STMicroelectronics BUL705 Datasheet HTML 8Page - STMicroelectronics BUL705 Datasheet HTML 9Page - STMicroelectronics BUL705 Datasheet HTML 10Page - STMicroelectronics BUL705 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
BUL705
8/11
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11