전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC05IE150HP 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STC05IE150HP
상세설명  Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC05IE150HP 데이터시트(HTML) 5 Page - STMicroelectronics

  STC05IE150HP Datasheet HTML 1Page - STMicroelectronics STC05IE150HP Datasheet HTML 2Page - STMicroelectronics STC05IE150HP Datasheet HTML 3Page - STMicroelectronics STC05IE150HP Datasheet HTML 4Page - STMicroelectronics STC05IE150HP Datasheet HTML 5Page - STMicroelectronics STC05IE150HP Datasheet HTML 6Page - STMicroelectronics STC05IE150HP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STC05IE150HP
3 Package mechanical data
5/7
DIM.
mm.
MIN.
TYP
MAX.
A
5.50
5.65
5.80
A1
2.85
3.15
3.25
A2
1.92
A3
3.18
b
0.95
1.10
1.30
b1
1.10
1.50
b2
2.50
2.90
c
0.40
0.80
D
23.85
24
24.15
D1
21.50
E
15.45
15.60
15.75
e2.54
e1
5.08
L10.20
10.80
L1
2.20
2.50
2.80
L2
18.50
L3
3
øP
3.55
3.65
S5.50
TO247-4LHP MECHANICAL DATA
7908765A



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com