| 전자부품 데이터시트 검색엔진 |
|
BULB128 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BULB128 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() THERMAL DATA Rthj-case Rthj-amb Thermal Resistance Junction-Case Max Thermal Resistance Junction-Ambient Max 1.78 62.5 oC/W oC/W ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit ICES Collector Cut-off Current (VBE = 0) VCE = 700 V VCE = 700 V TC = 125 oC 100 500 µA µA VEBO Emitter-Base Voltage (IC = 0) IE = 10 mA 9 V VCEO(sus) ∗ Collector-Emitter Sustaining Voltage (IB = 0) IC = 100 mA L = 25 mH 400 V ICEO Collector Cut-Off Current (IB = 0) VCE = 400 V 250 µA VCE(sat) ∗ Collector-Emitter Saturation Voltage IC = 0.5 A IB = 0.1 A IC = 1 A IB = 0.2 A IC = 2.5 A IB = 0.5 A IC = 4 A IB = 1 A 0.5 0.7 1 1.5 V V V V VBE(sat) ∗ Base-Emitter Saturation Voltage IC = 0.5 A IB = 0.1 A IC = 1 A IB = 0.2 A IC = 2.5 A IB = 0.5 A 1.1 1.2 1.3 V V V hFE ∗ DC Current Gain IC = 10 mA VCE = 5 V IC = 2 A VCE = 5 V 10 14 28 ts tf RESISTIVE LOAD Storage Time Fall Time VCC = 125 V IC = 2 A IB1 = 0.4 A IB2 = -0.4 A Tp = 30 µs (see fig.2) 1.5 0.2 3 0.4 µs µs ts tf INDUCTIVE LOAD Storage Time Fall Time IC = 2 A IB1 = 0.4 A VBE(off) = -5 V RBB = 0 Ω Vclamp = 200 V (see fig.1) 0.6 0.1 1 0.2 µs µs ∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 % BULB128-1 2/7 |