전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24512-RMW6TG 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M24512-RMW6TG
상세설명  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMW6TG 데이터시트(HTML) 5 Page - STMicroelectronics

  M24512-RMW6TG Datasheet HTML 1Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 2Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 3Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 4Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 5Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 6Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 7Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 8Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
M24512-W, M24512-R, M24256-BW, M24256-BR
List of figures
5/31
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
SO and TSSOP connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Device Select Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Maximum RP Value versus Bus Parasitic Capacitance (C) for an I
2C Bus . . . . . . . . . . . . . 9
Figure 5.
I2C Bus Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Write mode sequences with WC = 1 (data write inhibited) . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Write Mode sequences with WC = 0 (data write enabled) . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 8.
Write Cycle Polling Flowchart using ACK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
Read mode sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 10.
AC test measurement I/O waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11.
AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 12.
SO8W – 8 lead Plastic Small Outline, 208 mils body width, package outline. . . . . . . . . . . 25
Figure 13.
SO8N – 8 lead Plastic Small Outline, 150 mils body width, Package Outline . . . . . . . . . . 26
Figure 14.
TSSOP8 – 8 lead Thin Shrink Small Outline, package outline . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31