전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUV298AV 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 BUV298AV
상세설명  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV298AV 데이터시트(HTML) 6 Page - STMicroelectronics

  BUV298AV Datasheet HTML 1Page - STMicroelectronics BUV298AV Datasheet HTML 2Page - STMicroelectronics BUV298AV Datasheet HTML 3Page - STMicroelectronics BUV298AV Datasheet HTML 4Page - STMicroelectronics BUV298AV Datasheet HTML 5Page - STMicroelectronics BUV298AV Datasheet HTML 6Page - STMicroelectronics BUV298AV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.8
12.2
0.465
0.480
A1
8.9
9.1
0.350
0.358
B
7.8
8.2
0.307
0.322
C
0.75
0.85
0.029
0.033
C2
1.95
2.05
0.076
0.080
D
37.8
38.2
1.488
1.503
D1
31.5
31.7
1.240
1.248
E
25.15
25.5
0.990
1.003
E1
23.85
24.15
0.938
0.950
E2
24.8
0.976
G
14.9
15.1
0.586
0.594
G1
12.6
12.8
0.496
0.503
G2
3.5
4.3
0.137
1.169
F
4.1
4.3
0.161
0.169
F1
4.6
5
0.181
0.196
P
4
4.3
0.157
0.169
P1
4
4.4
0.157
0.173
S
30.1
30.3
1.185
1.193
P093A
ISOTOP MECHANICAL DATA
BUV298AV
6/7



Html Pages

1 2 3 4 5 6 7