| 전자부품 데이터시트 검색엔진 |
|
MD1803DFH 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD1803DFH 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() MD1803DFH Electrical characteristics 3/10 2 Electrical characteristics (TCASE = 25°C; unless otherwise specified) Table 3. Electrical characteristics 1 Pulsed duration = 300 µs, duty cycle ≤1.5%. Symbol Parameter Test conditions Min. Typ. Max. Unit ICES Collector cut-off current (VBE = 0) VCE = 1500V VCE = 1500V Tc= 125°C 0.2 2 mA mA IEBO Emitter cut-off current (IC = 0) VEB = 5V 40 120 mA V(BR)EBO Emitter-base breakdown voltage (IC = 0) IE = 700 mA 10 V VCE(sat) Note 1 Collector-emitter saturation voltage IC = 5 A IB = 1.25 A 2V VBE(sat) Note 1 Base-emitter saturation voltage IC = 5 A IB = 1.25 A 1.2 V hFE Note 1 DC current gain IC = 1 A VCE = 5 V IC = 5 A VCE = 1 V IC = 5 A VCE = 5 V 5.5 18 5 7.5 Vf Diode forward voltage IF= 5 A 1.6 V ts tf Inductive load Storage time Fall time IC = 4A ___ _ _ fh = 16KHz IB(on) = 0.6A__ VBE(off) = -2.7V LBB(off) = 4.5µH 2.5 0.3 3 0.6 µs µs |