| 전자부품 데이터시트 검색엔진 |
|
ST72104G2M6/XXX 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G2M6/XXX 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 35/140 I/O PORTS (Cont’d) Table 9. I/O Port Register Map and Reset Values Address (Hex.) Register Label 7654 3210 Reset Value of all I/O port registers 00 0 0 0000 0000h PCDR MSB LSB 0001h PCDDR 0002h PCOR 0004h PBDR MSB LSB 0005h PBDDR 0006h PBOR 0008h PADR MSB LSB 0009h PADDR 000Ah PAOR |