전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72104G1M3/XXX 데이터시트(PDF) 65 Page - STMicroelectronics

부품명 ST72104G1M3/XXX
상세설명  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1M3/XXX 데이터시트(HTML) 65 Page - STMicroelectronics

Back Button ST72104G1M3/XXX Datasheet HTML 61Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 62Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 63Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 64Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 65Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 66Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 67Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 68Page - STMicroelectronics ST72104G1M3/XXX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
65/140
SERIAL PERIPHERAL INTERFACE (Cont’d)
Figure 40. Data Clock Timing Diagram
CPOL = 1)
CPOL = 0)
MISO
(from master)
MOSI
(from slave)
SS
(to slave)
CAPTURE STROBE
CPHA =1
CPOL = 1
CPOL = 0
MSBit
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSBit
MSBit
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSBit
MISO
(from master)
MOSI
SS
(to slave)
CAPTURE STROBE
CPHA =0
Note: This figure should not be used as a replacement for parametric information.
Refer to the Electrical Characteristics chapter.
(from slave)
VR02131B
MSBit
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSBit
MSBit
Bit 6
Bit 5
Bit 4
Bit3
Bit 2
Bit 1
LSBit
SCLK (with
SCLK (with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More