전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T86PC1E 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M48T86PC1E
상세설명  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1E 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M48T86PC1E Datasheet HTML 4Page - STMicroelectronics M48T86PC1E Datasheet HTML 5Page - STMicroelectronics M48T86PC1E Datasheet HTML 6Page - STMicroelectronics M48T86PC1E Datasheet HTML 7Page - STMicroelectronics M48T86PC1E Datasheet HTML 8Page - STMicroelectronics M48T86PC1E Datasheet HTML 9Page - STMicroelectronics M48T86PC1E Datasheet HTML 10Page - STMicroelectronics M48T86PC1E Datasheet HTML 11Page - STMicroelectronics M48T86PC1E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Summary description
M48T86
8/36
Figure 3.
28-pin SOIC connections
Figure 4.
Block diagram
AI01642
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
24
23
1
AD4
AD5
AD6
NC
AD1
AD2
AD3
AD0
SQW
RST
NC
RCL
NC
NC
IRQ
DS
AS
AD7
VSS
E
R/W
MOT
VCC
M48T86
NC
NC
NC
NC
26
25
28
27
VSS
AI01643
OSCILLATOR
BCD/BINARY
INCREMENT
E
/ 8
/ 64
/ 64
PERIODIC INTERRUPT/SQUARE WAVE SELECTOR
SQUARE WAVE
OUTPUT
POWER
SWITCH
AND
WRITE
PROTECT
AD0-AD7
REGISTERS A,B,C,D
CLOCK CALENDAR,
AND ALARM RAM
STORAGE
REGISTERS
(114 BYTES)
CLOCK/
CALENDAR
UPDATE
BUS
INTERFACE
VCC
VBAT
VCC
POK
DS
R/W
AS
SQW
RST
IRQ
DOUBLE
BUFFERED
RCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36