전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM706TDS6E 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STM706TDS6E
상세설명  3V Supervisor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706TDS6E 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STM706TDS6E Datasheet HTML 14Page - STMicroelectronics STM706TDS6E Datasheet HTML 15Page - STMicroelectronics STM706TDS6E Datasheet HTML 16Page - STMicroelectronics STM706TDS6E Datasheet HTML 17Page - STMicroelectronics STM706TDS6E Datasheet HTML 18Page - STMicroelectronics STM706TDS6E Datasheet HTML 19Page - STMicroelectronics STM706TDS6E Datasheet HTML 20Page - STMicroelectronics STM706TDS6E Datasheet HTML 21Page - STMicroelectronics STM706TDS6E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
STM706T/S/R; STM706P; STM708T/S/R
18/26
DC AND AC PARAMETERS
This section summarizes the operating measure-
ment conditions, and the DC and AC characteris-
tics of the device. The parameters in the DC and
AC characteristics Tables that follow, are derived
from tests performed under the Measurement
Conditions summarized in Table 5, Operating and
AC Measurement Conditions. Designers should
check that the operating conditions in their circuit
match the operating conditions when relying on
the quoted parameters.
Table 5. Operating and AC Measurement Conditions
Figure 27. AC Testing Input/Output Waveforms
Figure 28. Power-fail Comparator Waveform
Parameter
STM70x
Unit
VCC Supply Voltage
1.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to 85
°C
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0.2 to 0.8VCC
V
Input and Output Timing Ref. Voltages
0.3 to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
AI08860a
VCC
VRST
trec
RST
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26