전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC08DE150HV 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STC08DE150HV
상세설명  Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08DE150HV 데이터시트(HTML) 1 Page - STMicroelectronics

  STC08DE150HV Datasheet HTML 1Page - STMicroelectronics STC08DE150HV Datasheet HTML 2Page - STMicroelectronics STC08DE150HV Datasheet HTML 3Page - STMicroelectronics STC08DE150HV Datasheet HTML 4Page - STMicroelectronics STC08DE150HV Datasheet HTML 5Page - STMicroelectronics STC08DE150HV Datasheet HTML 6Page - STMicroelectronics STC08DE150HV Datasheet HTML 7Page - STMicroelectronics STC08DE150HV Datasheet HTML 8Page - STMicroelectronics STC08DE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2006
Rev 1
1/11
11
Order codes
Part Number
Marking
Package
Packing
STC08DE150HV
C08DE150HV
TO247-4L HV
Tube
STC08DE150HV
Hybrid emitter switched bipolar transistor
ESBT® 1500V - 8A - 0.075 W
General features
Low equivalent on resistance
Very fast-switch, up to 150 kHz
Squared RBSOA, up to 1500 V
Very low CISS driven by RG = 47 Ω
In compliance with the 2002/93/EC European
Directive
Description
The STC08DE150HV is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed at
providing the best performance in ESBT topology.
The STC08DE150HV is designed for use in aux
flyback smps for any three phase application.
Applications
Single switch SMPS based on three phase
mains
Internal schematic diagrams
Table 1.
General features
VCS(ON)
IC
RCS(ON)
0.6V
8A
0.075
TO247-4L HV
1
2
3
4
www.st.com


유사한 부품 번호 - STC08DE150HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
More results

유사한 설명 - STC08DE150HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
26-Oct-2006
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
16-Oct-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
01-Dec-2006
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
10-Oct-2006
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
10-Oct-2006
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
28-Nov-2006
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
22-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com