전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7FLITE-SK/RAIS 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ST7FLITE-SK/RAIS
상세설명  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 2Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 3Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 4Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 5Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 9Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
ST7LITE0x, ST7LITESx
6/125
2 PIN DESCRIPTION
Figure 2. 16-Pin SO and DIP Package Pinout
k
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VSS
VDD
SS/AIN0/PB0
CLKIN/AIN4/PB4
MOSI/AIN3/PB3
MISO/AIN2/PB2
SCK/AIN1/PB1
RESET
PA0 (HS)/LTIC
PA1 (HS)
PA7
PA6/MCO/ICCCLK
PA5 (HS)/ICCDATA
PA4 (HS)
PA3 (HS)
PA2 (HS)/ATPWM0
ei1
ei0
(HS) 20mA high sink capability
eix
associated external interrupt vector
ei2
ei3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More