| 전자부품 데이터시트 검색엔진 |
|
D888 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D888 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() April 2006 Rev 2 1/10 10 Order codes Part Number Marking Package Packing STD888T4 D888 DPAK Tape & reel STD888T4 Medium Current, High Performance, Low Voltage PNP Transistor General features ■ Very low Collector to Emitter saturation voltage ■ D.C. Current gain, hFE >100 ■ 5A continuous collector current ■ Surface mounting DPAK(TO-252) power package in tape & reel packing ■ In compliance with the 2002/93/EC European Directive Description The device in manufactured in low voltage PNP Planar Technology by using a “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. Applications ■ Power management in portable equipment ■ Voltage regulation in bias supply circuits ■ Switching regulator in battery charger applications ■ Heavy load driver Internal schematic diagram DPAK (TO-252) 1 3 www.st.com |
유사한 부품 번호 - D888 |
|
유사한 설명 - D888 |