| 전자부품 데이터시트 검색엔진 |
|
724 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
724 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() July 2006 Rev 3 1/11 11 Order codes Part Number Marking Package Packing STF724 724 SOT-89 Tape & reel STN724 N724 SOT-223 Tape & reel STF724 STN724 NPN medium power transistors General features ■ Surface mounting devices in medium power SOT-223 and SOT-89 packages ■ Available in tape and reel packing ■ In compliance with the 2002/93/EC European Directive Applications ■ Voltage regulation ■ Relay driver ■ Generic switch Description The STF724 and STN724 are NPN transistors manufactured using Planar technology resulting in rugged high performance devices. Internal schematic diagrams SOT-223 1 2 2 3 SOT-89 www.st.com |
유사한 부품 번호 - 724 |
|
유사한 설명 - 724 |