| 전자부품 데이터시트 검색엔진 |
|
TIP31A 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP31A 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 10 page ![]() Electrical characteristics TIP31A 4/10 2 Electrical characteristics (Tcase = 25°C unless otherwise specified) Table 2. Electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit ICEO Collector cut-off current (IB = 0) VCE = 30 V 0.3 mA IEBO Emitter cut-off current (IC = 0) VEB = 5V 1mA ICES Collector cut-off current (VBE = 0) VCE = 60V 0.2 mA VCEO(sus) (1) 1. Pulsed duration = 300 ms, duty cycle ≥ 1.5% Collector-emitter sustaining voltage (IB = 0) IC = 30mA 60 V VCE(sat) (1) Collector-emitter saturation voltage IC = 3A_ IB = 375mA 1.2 V VBE(on) (1) Base-emitter voltage IC = 3A_____ VCE = 4V 1.8 V hFE (1) DC current gain IC = 1A ____ VCE = 4V IC = 3A _____ VCE = 4V 25 10 50 |