전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP32A 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 TIP32A
상세설명  Power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP32A 데이터시트(HTML) 5 Page - STMicroelectronics

  TIP32A_06 Datasheet HTML 1Page - STMicroelectronics TIP32A_06 Datasheet HTML 2Page - STMicroelectronics TIP32A_06 Datasheet HTML 3Page - STMicroelectronics TIP32A_06 Datasheet HTML 4Page - STMicroelectronics TIP32A_06 Datasheet HTML 5Page - STMicroelectronics TIP32A_06 Datasheet HTML 6Page - STMicroelectronics TIP32A_06 Datasheet HTML 7Page - STMicroelectronics TIP32A_06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIP32A
Package Mechanical Data
5/8
3
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in
ECOPACK® packages. These packages have a Lead-free second level
interconnect . The category of second level interconnect is marked on the
package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com



Html Pages

1 2 3 4 5 6 7 8